PART |
Description |
Maker |
ADSP-21062LKB-160 ADSP-21062KB-160 ADSP-21062CS-16 |
ADSP-2106x SHARC DSP Microcomputer Family Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 33.33 MHz, OTHER DSP, PQFP240
|
Analog Devices, Inc.
|
UNCL-L1 |
Plug-In, Low Noise Active Mixer (Level -4(LO Power -4 dBm) 10 to 500 MHz) 10 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
ADSP-21160MKB-80 |
SHARC, 80 MHz, 600 MFLOPS, 3.3v I/O, 2.5v core, floating point DSP Microcomputer 64-BIT, 80 MHz, OTHER DSP, PBGA400
|
Analog Devices, Inc.
|
ADSP-21062 ADSP-21062L |
SHARC, 40 MHz, 120 MFLOPS, 5v, Floating Point SHARC, 40 MHz, 120 MFLOPS, 3.3v, floating point
|
Analog Devices
|
ADL5367 ADL5367-EVALZ ADL5367ACPZ-R7 |
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun; Package: LFCSP: Leadform Chip Scale; No of Pins: 20; Temperature Range: Ind 500 MHz - 1700 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX
|
Analog Devices, Inc. http://
|
0510-50A |
50 W, 28 V, 500-1000 MHz common emitter transistor 50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3.7A I(C) | SOT-324VAR 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3.7AI(丙)|的SOT - 324VAR 500-1000 MHz, Class AB, Common Emitter; fO (MHz): 1000; P(out) (W): 50; P(in) (W): 10; Gain (dB): 7; Vcc (V): 28; ICQ (A): 0.1; Case Style: 55AV-2
|
GHZTECH[GHz Technology] MICROSEMI POWER PRODUCTS GROUP
|
ADSP-21065LCCA-240 |
Low-Cost SHARC, 66 MHz, 198 MFLOPS, 3.3v, Floating Point
|
Analog Devices
|
DD28F032SA DD28F032SA-080 DD28F032SA-070 DD28F032S |
32-MBIT (2 MBIT X 16/ 4 MBIT X 8) FlashFile MEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFileMEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY 4M X 8 FLASH 12V PROM, 100 ns, PDSO56
|
Intel Corporation Intel Corp. PROM Intel, Corp.
|
ADSP-21060 ADSP-21060CW-133 ADSP-21060L |
SHARC, 40 MHz, 120 MFLOPS, 5v, floating point SHARC, 120 MFLOPS, 3.3 v, floating point
|
Analog Devices
|
LRDC-10-1J |
Directional Coupler 50Ω 5 to 500 MHz Directional Coupler 50惟 5 to 500 MHz Directional Coupler 50ヘ 5 to 500 MHz
|
http:// Mini-Circuits
|
TFSD-05-28-H-10.00-T |
TIGER EYE DISCRETE CABLE ASSEMBLY
|
Samtec, Inc
|
|